PART |
Description |
Maker |
CH225H-35 |
OUTLINE, DIRECTIONAL COUPLER, TYPE-N
|
Advanced Technical Materials Inc.
|
4CR1750 4CK1750 4CK1950 2CK1900 4CL1450 |
1700 MHz - 1800 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1900 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1850 MHz - 1950 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1400 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
PANASONIC CORP
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
DC25-73LF |
Directional Coupler 2.3-2.6 GHz 2300 MHz - 2600 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
CH-130-4 CD-130-4BNC CD-130-4N CD-130-4SMA CD-130- |
2 MHz - 32 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.1 dB INSERTION LOSS-MAX 30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz 30 dB Bi-directional Coupler/ 500 Watt 2 - 32 MHz 2-32 MHz, 500 Watt, 30 dB Bi-directional coupler
|
MACOM[Tyco Electronics] MA-Com
|
2450CP14A100 2450CP14A100S/PB |
2450 MHz Directional Coupler 2400 MHz - 2500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.74 dB INSERTION LOSS-MAX
|
Johanson Technology Inc.
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
ADC-10-4-75R |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
JDC-20-5 |
Directional Coupler 50楼? 50 to 1500 MHz Directional Coupler 50惟 50 to 1500 MHz Directional Coupler 50Ω 50 to 1500 MHz
|
Mini-Circuits
|
CHP-6018-D-40-30-FM CHP-6018-S-40-MM CHP-2080-D-40 |
6000 MHz - 18000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 6000 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 2000 MHz - 8000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1000 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.15 dB INSERTION LOSS-MAX
|
RLC ELECTRONICS INC
|